|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Control Devices: MLP 7100 Series Limiter Diodes Description The MicroMetrics MLP 7100 series Limiter diodes are specially processed PIN diodes with a thin intrinsic region designed for use in passive or active limiters over the entire range of frequencies from 100 MHz to beyond 20 GHz. The different "I" region thicknesses and capacitances provide variable threshold and leakage power levels and power handling capability. Features * Low Loss * Greater Bandwidth * Fast Turn on Time Packaging * Chip, Glass, Ceramic, Surface Mount Control Devices PEAK POWER OUTPUT (dBm) Applications The MLP 7100 series limiters are for use in waveguides, coax, microstrip or stripline. Single or cascade devices may be used depending on power levels. Typical Performance +50 +40 Diode Chip 50 50 MLP7120 MLP7110 MLP7140 MLP7100 MLP7130 +30 +20 +10 0 +10 +20 +30 +40 +50 PEAK POWER INPUT (dBm) +60 +66 LEAKAGE POWER ABOVE 1.0 GHz (dB) +8 +6 +3 0 2 4 6 8 10 FREQUENCY (GHz) Diode Chip 50 50 MLP 7100 Series MLP 7100-7140 Series 12 14 16 18 High Power Equivalent Circuit COIL for GROUND RETURN 2 2 50 RS RS RS 50 34 MicroMetrics, Inc. 136 Harvey Road, Building C, Londonderry, NH 03053 Voice: 603-641-3800, Fax: 603-641-3500, Internet: www.micrometrics.com, E-mail: serv@micrometrics.com Control Devices: MLP 7100 Series Electrical Characteristics Vb TYP (V) 20-45 45-75 120-180 15-30 30-60 Cj0 TYP (pF) 0.20 0.50 0.70 0.20 0.50 0.70 0.20 0.60 0.80 0.12 0.20 0.12 0.20 Cj6 MAX (pF) 0.15 0.30 0.50 0.15 0.30 0.50 0.15 0.30 0.50 0.10 0.15 0.10 0.15 Rs Typ @ 10 mA () 1.5 1.2 1.0 1.5 1.2 1.0 1.5 1.0 0.5 2.0 1.5 2.0 1.5 6 Rs Typ @ 10 mA () 5.0 4.5 4.0 4.0 3.5 3.0 3.5 3.0 3.0 4.0 3.0 4.0 4.0 6 Tl TYP (nS) 5 10 10 10 15 20 50 50 100 530 520 720 715 p TYP (C/W) 20 12 10 15 10 6 1.2 0.5 0.3 12 8 10 7 1 Maximum Thermal Resistance (C/W) 100 80 55 80 60 40 40 20 15 0 0 0 0 Part Number MLP7100 MLP7101 MLP7102 MLP7110 MLP7111 MLP7112 MLP7120 MLP7121 MLP7122 MLP7130 MLP7131 MLP7140 MLP7141 Max. Peak Pin @1.0 s (dBm) +50 +53 +56 +53 +56 +59 +60 +63 +66 +47 +50 +47 +50 Typical 2 Threshold (dB) +10 +10 +10 +15 +15 +15 +20 +20 +20 +7 +7 +12 +12 Leakage Pout TYP (dBm) +22 +24 +25 +27 +29 +31 +39 +41 +44 +19 +22 +24 +27 2 Insertion Loss TYP (dB) 0.1 0.2 0.2 0.1 0.2 0.2 0.1 0.2 0.2 0.1 0.1 0.1 0.1 3 CW Pin MAX (W) 21 31 41 32 42 52 55 10 15 2 3 3 4 4 Recovery Time, Typ (nS) 0 0 0 0 0 0 0 50 50 5 5 10 10 5 Part Number MLP7100 MLP7101 MLP7102 MLP7110 MLP7111 MLP7112 MLP7120 MLP7121 MLP7122 MLP7130 MLP7131 MLP7140 MLP7141 Notes: 1. Pulsed thermal impedance is given for a 1 s pulse. CW thermal impedance presumes infinite heat sink. 2. Threshold input power produces 1 dB increase in insertion loss. Figure shows typical leakage power curves. Data taken for 1.0 GHz. 3. Chip loss can be represented as a resistance in shunt with the junction capacitance. Rp is measured at 3 GHz, zero Bias. Loss data shown are for 10 GHz for 0.15 and 0.30 pF chips, 5 GHz for 0.50 pF chips. Loss is measured at -10 dBm input. 4. Note that CW power and average power are not synonymous. Power ratings are computed in terms of a peak junction temperature of 200C, for short pulses, an average junction temperature of 125C, and an ambient of 25C. Duty factor 0.001 assumed for maximum pulse power input. Figure shows power derating with temperature. 5. Recovery time is measured with ground return (less than 1.0 Ohm) to 1 dB excess loss, at 1 GHz. 6. Series resistance is measured at 500 MHz. 7. Limiter diodes with higher capacitance and/or higher breakdown voltage for very high power applications are available on request. Maximum Ratings Operating Temperature Maximum Leakage Current -55C to +150C 0.5 mA at 88% of minimum rated breakdown MicroMetrics, Inc. 136 Harvey Road, Building C, Londonderry, NH 03053 Voice: 603-641-3800, Fax: 603-641-3500, Internet: www.micrometrics.com, E-mail: serv@micrometrics.com 35 Control Devices |
Price & Availability of MLP7100 |